Part Number Hot Search : 
AR340S29 3244AP CLL4735A 754607 Q8008DH4 MAJ160 MMBZ5237 74LS15
Product Description
Full Text Search
 

To Download NTE925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE925 integrated circuit instrumentation operational amplifier description: the NTE925 is an operational amplifier in an 8 ? lead metal can featuring superior performance in applications where low noise, low drift, and accurate closed loop gain are required. with high common mode rejection and offset null capability, this device is especially suited for low level instrumentation applications over a wide supply voltage range. features;  high open loop gain: 3,000.00  low input voltage drift: 0.6 v/ c  high common mode rejection: 120db  low input noise current: 0.15pa/ hz  low input offset current: 2na  high input voltage range: 14v  wide power supply range: 3v to 22v  offset null capability  output short circuit protection absolute maximum ratings: supply voltage 22v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . internal power dissipation 500mw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . derate above t a = +75 c +150 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . differential input voltage 5v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage (note 1) 22v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . maximum junction temperature, t j +150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating temperature range, t a 0 to +70 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ? 65 to +150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . lead temperature (during soldering, 10 sec), t l +260 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . note 1. for supply voltages less than 22v, the absolute maximum input voltage is equal to the supply voltage.
electrical characteristics: (v s = 15v, t a = +25 c, note 1 unless otherwise specified) parameter test conditions min typ max unit input offset voltage with t e t l t i r s 10k ? ? 0.5 2.5 mv pg without external trim s t a = 0 to +70 c ? ? 3.5 mv average input offset voltage drift without external trim r s = 50 ? , t a = 0 to +70 c ? 2.0 ? v/ c with external trim s a ? 0.6 ? v/ c input offset current ? 2.0 35 na p t a = +70 c ? 1.2 35 na t a = 0 c ? 4.0 50 na average input offset current drift t a = 0 to +70 c ? 10 ? pa/ c input bias current ? 42 125 na p t a = +70 c ? ? 125 na t a = 0 c ? ? 250 na input noise voltage f o = 10hz ? 15 ? nv/ hz pg f o = 100hz ? 9 ? nv/ hz f o = 1khz ? 8 ? nv/ hz input noise current f o = 10hz ? 1.0 ? pa/ hz p f o = 100hz ? 0.3 ? pa/ hz f o = 1khz ? 0.15 ? pa/ hz input resistance ? 15 ? m ? input voltage range 13.5 14.0 ? v large signal voltage gain r l 2k ? v out = 10v 250 3000 ? v/mv gg g l t a = +70 c 125000 ? ? v/v t a = 0 c 125000 ? ? v/v common mode rejection ratio r s 10k ? 94 120 ? db j s t a = 0 to +70 c ? 115 ? db power supply rejection ratio r s 10k ? ? 2.0 35 v/v pp y j s t a = 0 to +70 c ? 20 ? v/v output voltage swing r l 10k ? 12.0 13.5 ? v pgg r l 2k ? 10.0 13.5 ? v l t a = 0 to +70 c 10.0 ? ? v power consumption ? 80 150 mw note 1. for supply voltages less than 22v, the absolute maximum input voltage is equal to the supply voltage.
.370 (9.39) dia max .335 (8.52) dia max .018 (0.45) dia typ .032 (0.82) 45 .177 (4.5) max .492 (12.5) min .200 (5.06) dia 1 2 3 4 5 6 7 8 pin connection daigram (top view) 8 7 6 5 4 3 2 1 offset null invert input non ? invert input v ( ? ) compensation output v (+) offset null


▲Up To Search▲   

 
Price & Availability of NTE925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X